Part Number Hot Search : 
CS5102A IDTP9120 945ETTS AG01Z AEL60 TDA3845T 501B2 PST3139
Product Description
Full Text Search
 

To Download 2SA2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SA2010
Silicon PNP epitaxial planer type
Unit: mm
For DC-DC converter For various driver circuits I Features
* Low collector to emitter saturation voltage VCE(sat) , large current capacitance * High-speed switching * Mini type 3-pin package, allowing downsizing and thinning of the equipment. * Complementary pair with 2SC5592
1
0.40+0.10 -0.05 3
0.16+0.10 -0.06
1.50+0.25 -0.05
2.8+0.2 -0.3
2
(0.95) (0.95) 1.90.1 2.90+0.20 -0.05 10
1.1+0.2 -0.1
(0.65)
I Absolute Maximum Ratings Ta = 25C
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
Rating -15 -15 -5 -10 -2.5 600 150 -55 to +150
Unit V V V A A mW C C
Marking Symbol: AS
Note) *: Measure on the ceramic substrate at 15 x 15 x 0.6 mm3.
I Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio *1 Collector to emitter saturation voltage *1 Symbol ICBO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) Cob fT ton tstg toff Conditions VCB = -10 V, IE = 0 IC = -10 A, IE = 0 IC = -1 mA, IB = 0 IE = -10 A, IC = 0 VCE = -2 V, IC = -100 mA VCE = -2 V, IC = -2.5 A IC = -1 A, IB = -10 mA IC = -2.5 A, IB = -50 mA Collector output capacitance Transition frequency Turn-on time *2 Storage time *2 Turn-off time *2 VCB = 10 V, IE = 0, f = 1 MHz VCB = -10 V, IE = 50 mA f = 200 MHz -15 -15 -5 200 100 -140 -270 40 180 35 110 10 -320 mV mV pF MHz ns ns ns 560 Min Typ Max - 0.1 Unit A V V V
Note) *1: Rank classification *2: Reference to the measurement circuit.
0 to 0.1
1: Base 2: Emitter 3: Collector EIAJ: SC-59 Mini Type Package (3-pin)
1.1+0.3 -0.1
0.40.2
5
1
2SA2010
I Measurement Circuit
Transistors
Input RB
IB2 IB1
Output RL 470 F VCC = -5 V
PW = 20 s DC 1%
-201B1 = 201B2 = IC = -1.5 A
2


▲Up To Search▲   

 
Price & Availability of 2SA2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X